inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor 30N06 features drain current i d = 30a@ t c =25 drain source voltage- : v dss = 60v(min) static drain-source on-resistance : r ds(on) = 0.05 (max) fast switching applications switching power supplies,converters,ac and dc motor controls absolute maximum ratings(t a =25 ) symbol parameter value unit v dss drain-source voltage 60 v v gs gate-source voltage-continuous 30 v i d drain current-continuous 30 a p d total dissipation @t c =25 105 w t j max. operating junction temperature 150 t stg storage temperature -55~150 pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor 30n05 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min type max unit v (br)dss drain-source breakdown voltage v gs = 0; i d =250 a 60 v v gs (th ) gate threshold voltage v ds = v gs ; i d =250 a 2.0 4.0 v v sd diode forward on-voltage i s = 30a ;v gs = 0 1.5 v r ds( on ) drain-source on-resistance v gs = 10v; i d = 15a 0.05 i gss gate-body leakage current v gs = 30v;v ds = 0 100 na i dss zero gate voltage drain current v ds =60v; v gs = 0 200 a pdf pdffactory pro www.fineprint.cn
|